PART |
Description |
Maker |
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
RIF-0-OSC-24DC |
Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
|
PHOENIX CONTACT
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
EBS26UC6APS-80 EBS26UC6APS EBS26UC6APS-75 EBS26UC6 |
RELAY,SOLID,STATE,SPST 32M X 64 SYNCHRONOUS DRAM MODULE, 5.4 ns, DMA144 RELAY OPTO 120MA W/SURGE 8-DIP RELAY OPTOMOS 250MA 6-SMD AC Solid State Switch using optical coupling with dual power SCR outputs Dual Pole Normally Open: 2-Form-A 256MB SDRAM S.O.DIMM
|
ELPIDA MEMORY INC Elpida Memory, Inc. ELPIDA[Elpida Memory]
|
PVN012APBF07 PVN012AS-TPBF PVN012ASPBF |
HEXFET? Power MOSFET Photovoltaic Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
International Rectifier
|
LH1500AAB LH1500AABTR LH1500AT |
Solid State Relay (LH1500AAB/AT/AABTR) Solid State Relay Solid State Relay 固态继电器
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
LH1547AAB1 LH1547AAB1TR LH1547AT1 LH1547-AAB1 LH15 |
Solid State Relay (SSR) 1FormA 1 Form A Solid-State Relay
|
Infineon Technologies AG
|
AQW212EHAZ AQW212EHAX AQW216EHA |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, SMD, DIP-8 Solid State Relay (with MOSFET Output) 8pin DIP (Form A, Normally-Open) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, DIP-8
|
Panasonic, Corp. PANASONIC CORP
|
SOM040100 |
MOSFET BASED DC SOLID-STATE RELAY
|
celduc-relais
|
KAQV214H |
SOLID STATE RELAY - MOSFET OUTPUT
|
COSMO[COSMO Electronics Corporation]
|